Part Number Hot Search : 
DS1744 AD7535JP CPDUR12V CEP01N6G LT1461ED D30NF06L 90858 SNC559
Product Description
Full Text Search
 

To Download BY296 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BY296 thru by299 fast recovery rectifiers reverse voltage - 100 to 800 volts forward current - 2.0 amperes case : jedec do-15 molded plastic body terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.014 ounce, 0.40 grams the plastic package carries underwriters laboratory flammability classification 94v-0 fast switching for high efficiency low reverse leakage high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension features mechanical data dimensions in inches and (millimeters) maximum ratings and electrical characteristics 100 70 100 200 140 200 400 280 400 800 560 800 volts volts volts symbols units amps amps volts v rrm v rms v dc i (av) i fsm v f 2.0 70.0 1.3 operating junction and storage temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 0.375 ? (9.5mm) lead length at t a =75 c peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 2.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c i r 5.0 100.0 r q ja c j t j , t stg 40.0 40.0 -65 to +150 pf c a m typical thermal resistance (note 3) c/w typical junction capacitance (note 2) maximum reverse recovery time (note 1) t rr 500 ns BY296 do-15 0.140(3.6) 0.104(2.6) dia. 0.034(0.86) 0.028(0.70) dia. 1.0 (25.4) min. 0.300(7.6) 0.230(5.8) 1.0 (25.4) min. note: 1.reverse recovery condition i f =0.5a,i r =1.0a,irr=0.25a 2.measured at 1mhz and applied reverse voltage of 4.0v d.c. 3.thermal resistance from junction to ambient at 0.375 ? (9.5mm)lead length,p.c.b. mounted by297 by298 by299 ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. mdd catalog number mdd electronic
ratings and characteristic curves BY296 thru by299 2.0 1.6 1.2 0.8 0.4 0 0 25 50 75 100 125 150 175 70 60 50 40 30 20 0.6 0.8 1.0 1.2 1.4 1.5 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes junction capacitance, pf peak forward surge current, amperes instantaneous forward voltage, volts single phase half wave 60hz resistive or inductive load 1 10 100 0.01 0.1 1 20 10 t j =25 c 1 10 100 200 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 tj=100 c tj=25 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, microamperes transient thermal impedance, c/w ambient temperature, c t j =25 c pulse width=300 m s 1%duty cycle 8.3ms single half sine-wave (jedec method) mdd electronic


▲Up To Search▲   

 
Price & Availability of BY296

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X